Part Number Hot Search : 
MA4ST554 EG21SR XE88LC05 V16L25JI SI7944DP C2688 1N628 BGY683
Product Description
Full Text Search
 

To Download XC6212D33AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XC6209/6212 Series
GENERAL DESCRIPTION
ETR0306-003
High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
The XC6209/XC6212 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS processes. The series achieves high ripple rejection and low dropout and consists of a voltage reference, an error amplifier, a current limiter and a phase compensation circuit plus a driver transistor. Output voltage is selectable in 50mV increments within a range of 0.9V ~ 6.0V. The series is also compatible with low ESR ceramic capacitors which give added output stability. This stability can be maintained even during load fluctuations due to the excellent transient response of the series. The current limiter's foldback circuit also operates as a short protect for the output current limiter and the output pin. The CE function enables the output to be turned off, resulting in greatly reduced power consumption.
APPLICATIONS
Mobile phones, Cordless phones Wireless communication equipment Portable games Cameras, Video recorders Portable AV equipment Reference voltage Battery powered equipment
FEATURES
: 150mA (300mA=XC6209E to H types) Dropout Voltage : 60mV @ 30mA 200mV @ 100mA Minimum Operating Voltage : 2.0~10.0V Output Voltage Range : 0.9V ~ 6.0V (50mV increment) Highly Accurate : 2% (VOUT>1.5V) 30mV (VOUT1.5V) Low Power Consumption : 25A (TYP.) Stand-by Current : Less than 0.1A (TYP.) Highly Ripple Rejection : 70dB (10kHz) Operating Temperature Range : -40~ +85 Low ESR Capacitor : Ceramic capacitor compatible Process : CMOS Built-In Circuit : Current Limit Circuit Ultra Small Packages : SOT-25 USP-6B (XC6209) SOT-89-5 (XC6209) Maximum Output Current
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTICS
1/25
XC6209/6212 Series
PIN CONFIGURATION
[XC6209]
CE 6 VSS 5 NC 4
1 VIN 2 NC 3 VOUT
*The dissipation pad for the USP-6B package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heat release.
USP-6B (BOTTOM VIEW)
[XC6212]
PIN ASSIGNMENT
PIN NUMBER XC6209 SOT-89-5 USP-6B 4 1 2 5 3 6 1 5 2,4 3 XC6212 SOT-25 3 2 4 5 1 PIN NAME VIN VSS CE NC VOUT FUNCTION Input Ground ON/OFF Control No Connection Output
SOT-25 1 2 3 4 5
FUNCTIONS
TYPE A, B, E, F Series C, D, G, H Series H=High Level L=Low Level CE H L H L OPERATIONAL STATE ON OFF OFF ON
2/25
XC6209/6212
Series
PRODUCT CLASSIFICATION
Selection Guide
The following options for the CE pin logic and internal pull-up/down are available: High Active + no pull-down resistor built-in (standard) High Active+ 2M pull-down resistor built-in (semi-custom) Low Active + no pull-up resistor built-in (semi-custom) Low Active + 2M pull-up resistor built-in (semi-custom) Note: *With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by VIN / 2M (TYP.).
Ordering Information
XC6209/12
DESIGNATOR (*1) DESCRIPTION Type of Regulator CE Pin Logic SYMBOL A/E B/F C/G D/H Output Voltage 09~60 2 1 A B M Packages P D Device Orientation R L DESCRIPTION : High Active (pull-down resistor built-in, semi-custom) : High Active (no pull-down resistor built-in, standard) : Low Active (pull-up resistor built-in, semi-custom) : Low Active (no pull-up resistor built-in, standard) : e.g. 20:2.0V, 30:3.0V, : 100mV increments, 2% accuracy (*2) e.g. =2, =8, =2 2.80V, 2% : 100mV increments, 1% accuracy (*2) e.g. =2, =8, =1 2.80V, 1% : 50mV increments, 2% accuracy (*2) e.g. =2, =8, =A 2.85V, 2% : 50mV increments, 1% accuracy (*2) e.g. =2, =8, =B 2.85V, 1% : SOT-25 (SOT-23-5) : SOT-89-5 (for XC6209 series only) : USP-6B (for XC6209 series only) : Embossed tape, standard feed : Embossed tape, reverse feed
Output Voltage Accuracy
(*1) Maximum output current of E to H series depend on the setting voltage. (*2) Within 30mV (VOUT 1.5V)
3/25
XC6209/6212 Series
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Ta=25 PARAMETER Input Voltage Output Current Output Voltage CE Input Voltage SOT-25 SOT-89-5 Power Dissipation USP-6B Operating Temperature Range Storage Temperature Range Topr Tstg SYMBOL VIN IOUT VOUT VCE Pd RATINGS 12.0 500 * VSS - 0.3 ~ VIN + 0.3 VSS - 0.3 ~ VIN + 0.3 250 500 100 -40 ~ +85 -55 ~ +125 UNITS mA mW
*NOTE: Within the range of IOUT=Pd / (VIN - VOUT)
4/25
XC6209/6212
Series
ELECTRICAL CHARACTERISTICS
XC6209/6212A, B Series PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage (*4) Supply Current (A series) IDD Supply Current (B series) Standby Current Istby VOUT VINVOUT VIN VOUT ToprVOUT PSRR Ilim Ishort VCEH VCEL ICEH ICEH ICEL VIN=VCE=VOUT(T)+1.0V (VOUT<0.95V)=(VIN=VCE=2.0V) VIN=VCE=VOUT(T)+1.0V (VOUT<0.95V)=(VIN=VCE=2.0V) VIN=VOUT(T)+1.0V, VCE=VSS (VOUT<0.95V)=(VIN=2.0V)
If VOUT is less than 0.95V, VIN= 2.0V.
Ta=25 SYMBOL VOUT(E) IOUTMAX VOUT Vdif1 Vdif2 CONDITIONS 2% accuracy (*7) IOUT=30mA 1% accuracy (*8) 1mA< IOUT <100mA IOUT=30mA IOUT=100mA VIN=VCE= VOUT(T)+1.0V (VOUT <0.95V)=(VIN=VCE=2.0V) VIN=VCE=VOUT(T)+1.0V (VOUT<0.95V)=(VIN=VCE=2.0V) VIN=VOUT(T)+1.0V, VCE =VSS (VOUT<0.95V)=(VIN=2.0V) VOUT(T)+1.0V(VOUT<1.75V)=(VIN=VOUT(T)+2.0V)
MIN. x0.98 x0.99 150 -
TYP. VOUT(T) VOUT(T) 15 E-1 E-2 28 25
MAX. x1.02 x1.01 50
UNITS CIRCUIT
V mA mV mV
1 1 1 1
-
55 A 50 0.10 A 2 2
-
0.01
Line Regulation Input Voltage Output Voltage Temperature Characteristics Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Level Voltage CE "Low" Level Voltage CE "High" Level Current (A series) CE "High" Level Current (B series) CE "Low" Level Current
NOTE :
2 1.6 0.60 -0.10 -0.10
0.01 100 70 300 50 -
0.20 10 VIN 0.25 5.0 0.10
/V V ppm / dB mA mA V V A
1 1 4 1 1 1 2 2
VIN=VOUT(T)+1.0V, VCE=VIN,
(VOUT<1.75V)=(VIN=VOUT(T)+2.0V)
-
0.10
A
2
* 1: Unless otherwise stated, VIN=VOUT(T)+1.0V. * 2: VOUT(T)=Specified output voltage * 3: VOUT(E)=Effective output voltage
(I.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). * 4: Vdif={VIN1
(*6)
-VOUT1
(*5)
}
* 5: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. * 6: VIN1=The input voltage when VOUT1 appears as Input Voltage is gradually decreased. * 7: If VOUT(T) is less than 1.45V, VOUT(T) -30mV (MIN.), VOUT(T) + 30mV (MAX.) * 8: Only for the VOUT(T) more than 3.0V products.
5/25
XC6209/6212 Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6209/6212E,F Series PARAMETER Output Voltage Maximum Output Current Load Regulation Load Regulation 2 Dropout Voltage (*4) Supply Current (E series) Supply Current (F series) Standby Current Line Regulation Input Voltage Output Voltage Temperature Characteristics Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Level Voltage CE "Low" Level Voltage CE "High" Level Current (E series) CE "High" Level Current (F series) CE "Low" Level Current
NOTE : * 1: Unless otherwise stated, VIN=VOUT(T)+1.0V. If VOUT is less than 0.95V, VIN= 2.0V. * 2: VOUT(T)=Specified output voltage * 3: VOUT(E)=Effective output voltage (I.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). * 4: Vdif={VIN1
(*6)
Ta=25 SYMBOL VOUT(E) IOUTMAX VOUT VOUT2 Vdif1 Vdif2 IDD Istby VOUT VINVOUT VIN VOUT ToprVOUT PSRR Ilim Ishort VCEH VCEL ICEH ICEH ICEL VIN=VCE=VOUT(T)+1.0V VIN=VCE=VOUT(T)+1.0V VIN=VOUT(T)+1.0V, VCE=VSS CONDITIONS 2% accuracy (*7) IOUT=30mA 1% accuracy (*8) VIN=E-4 1mA< IOUT<100mA 1mA< IOUT<300mA IOUT=30mA IOUT=100mA VIN=VCE= VOUT(T)+1.0V VIN=VCE=VOUT(T)+1.0V VIN=VOUT(T)+1.0V, VCE =VSS VOUT(T)+1.0V(VOUT<1.5V)=VIN=2.5V+1.0Vp-pAC,
MIN. x0.98 x0.99 E-3 -
TYP. VOUT(T) VOUT(T) 15 E-1 E-2 28 25 0.01 0.01 100 70 380 50 -
MAX. x1.02 x1.01 50 100
UNITS CIRCUIT
V mA mV mV mV
1 1 1 1 1 2 2 1 1 4 1 1 1 2 2 2 2
2 1.6 0.60 -0.10 -0.10
55 50 0.10 0.20 10 VIN 0.25 5.0 0.10
A A /V V ppm / dB mA mA V V A A A
IOUT=50mA, f=10kHz VIN=VOUT(T)+1.0V, VCE=VIN,
(VOUT<1.75V)=VIN=VOUT(T)+2.0V
VIN= VOUT(T)+1.0V, VCE=VIN,
(VOUT<1.75V)=VIN=VOUT(T)+2.0V
-
0.10
-VOUT1
(*5)
}
* 5: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. * 6: VIN1=The input voltage when VOUT1 appears as Input Voltage is gradually decreased. * 7: If VOUT(T) is less than 1.45V, VOUT(T) -30mV (MIN.), VOUT(T) + 30mV (MAX.) * 8: Only for the VOUT(T) more than 3.0V products.
6/25
XC6209/6212
Series
ELECTRICAL CHARACTERISTICS (Continued)
Dropout Voltage
Voltage Accuracy 2% products SYMBOL
PARAMETER SETTING OUTPUT VOLTAGE
Ta=25OC E-1 DROPOUT VOLTAGE 1 (mV) (IOUT=30mA) Vdif1 Vdif2 TYP MAX 1100 1000 900 800 700 600 500 400 300 200 120 1110 1010 910 810 710 610 510 410 310 210 150 E-2 DROPOUT VOLTAGE 2 (mV) (IOUT=100mA) Vdif1 Vdif2 TYP MAX 1150 1050 950 850 750 650 550 500 400 300 280 1200 1100 1000 900 800 700 600 550 450 400 380 350 330 80 120 240 310
VOUT(T) 0.90 0.95 1.00 1.05 1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20 2.25 2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95 3.00 3.05 3.10 3.15 3.20 3.25 3.30 3.35 3.40 3.45 3.50 3.55
E-0 OUTPUT VOLTAGE (V) (2%) VOUT MIN MAX 0.870 0.930 0.920 0.980 0.970 1.030 1.020 1.080 1.070 1.130 1.120 1.180 1.170 1.230 1.220 1.280 1.270 1.330 1.320 1.380 1.370 1.430 1.420 1.480 1.470 1.530 1.519 1.581 1.568 1.632 1.617 1.683 1.666 1.734 1.715 1.785 1.764 1.836 1.813 1.887 1.862 1.938 1.911 1.989 1.960 2.040 2.009 2.091 2.058 2.142 2.107 2.193 2.156 2.244 2.205 2.295 2.254 2.346 2.303 2.397 2.352 2.448 2.401 2.499 2.450 2.550 2.499 2.601 2.548 2.652 2.597 2.703 2.646 2.754 2695 2.805 2.744 2.856 2.793 2.907 2.842 2.958 2.891 3.009 2.940 3.060 2.989 3.111 3.038 3.162 3.087 3.213 3.136 3.264 3.185 3.315 3.234 3.366 3.283 3.417 3.332 3.468 3.381 3.519 3.430 3.570 3.479 3.621
290 70 100 220
270
60
90
200 250
7/25
XC6209/6212 Series
ELECTRICAL CHARACTERISTICS (Continued)
Dropout Voltage (Continued) Voltage Accuracy 2% products
Ta=25OC
SYMBOL
PARAMETER SETTING OUTPUT VOLTAGE
VOUT(T) 3.60 3.65 3.70 3.75 3.80 3.85 3.90 3.95 4.00 4.05 4.10 4.15 4.20 4.25 4.30 4.35 4.40 4.45 4.50 4.55 4.60 4.65 4.70 4.75 4.80 4.85 4.90 4.95 5.00 5.05 5.10 5.15 5.20 5.25 5.30 5.35 5.40 5.45 5.50 5.55 5.60 5.65 5.70 5.75 5.80 5.85 5.90 5.95 6.00
E-0 OUTPUT VOLTAGE (V) (2%) VOUT MIN MAX 3.528 3.672 3.577 3.723 3.626 3.774 3.675 3.825 3.724 3.876 3.773 3.927 3.822 3.978 3.871 4.029 3.920 4.080 3.969 4.131 4.018 4.182 4.067 4.233 4.116 4.284 4.165 4.335 4.214 4.386 4.263 4.437 4.312 4.488 4.361 4.539 4.410 4.590 4.459 4.641 4.508 4.692 4.557 4.743 4.606 4.794 4.655 4.845 4.704 4.896 4.753 4.947 4.802 4.998 4.851 5.049 4.900 5.100 4.949 5.151 4.998 5.202 5.047 5.253 5.096 5.304 5.145 5.355 5.194 5.406 5.243 5.457 5.292 5.508 5.341 5.559 5.390 5.610 5.439 5.661 5.488 5.712 5.537 5.763 5.586 5.814 5.635 5.865 5.684 5.916 5.733 5.967 5.782 6.018 5.831 6.069 5.880 6.120
E-1 DROPOUT VOLTAGE 1 (mV) (IOUT=30mA) Vdif1 Vdif2 TYP MAX
E-2 DROPOUT VOLTAGE 2 (mV) (IOUT=100mA) Vdif1 Vdif2 TYP MAX
90
200
250
60
80
180
230
50
70
160
210
*The input voltage 2.0V (MIN.) is needed to operate the series. voltage is needed at minimum.
When the output voltage is less than 2.0V, 2.0V-VOUT(T) of dropout
8/25
XC6209/6212
Series
ELECTRICAL CHARACTERISTICS (Continued)
Output Voltage
Voltage Accuracy 1% products * Common values for A to H series, but available only for VOUT2.9V products SYMBOL
PARAMETER SETTING OUTPUT VOLTAGE
E-0 OUTPUT VOLTAGE (V) (1%) VOUT
MIN MAX
SYMBOL
PARAMETER SETTING OUTPUT VOLTAGE
E-0 OUTPUT VOLTAGE (V) (1%)
VOUT
VOUT(T) 3.00 3.05 3.10 3.15 3.20 3.25 3.30 3.35 3.40 3.45 3.50 3.55 3.60 3.65 3.70 3.75 3.80 3.85 3.90 3.95 4.00 4.05 4.10 4.15 4.20 4.25 4.30 4.35 4.40 4.45 4.50
2.970 3.020 3.069 3.119 3.168 3.218 3.267 3.317 3.366 3.416 3.465 3.515 3.564 3.614 3.663 3.713 3.762 3.812 3.861 3.911 3.960 4.010 4.059 4.109 4.158 4.208 4.257 4.307 4.356 4.405 4.455
3.030 3.081 3.131 3.182 3.232 3.283 3.333 3.384 3.434 3.485 3.535 3.586 3.636 3.687 3.737 3.788 3.838 3.889 3.939 3.990 4.040 4.091 4.141 4.192 4.242 4.293 4.343 4.394 4.444 4.494 4.545
VOUT(T) 4.55 4.60 4.65 4.70 4.75 4.80 4.85 4.90 4.95 5.00 5.05 5.10 5.15 5.20 5.25 5.30 5.35 5.40 5.45 5.50 5.55 5.60 5.65 5.70 5.75 5.80 5.85 5.90 5.95 6.00
MIN 4.505 4.554 4.604 4.653 4.703 4.752 4.802 4.851 4.901 4.950 4.000 4.049 4.099 4.148 5.198 5.247 5.297 5.346 5.396 5.445 5.495 5.544 5.594 5.643 5.963 5.742 5.792 5.841 5.891 5.940
MAX 4.596 4.646 4.697 4.747 4.798 4.848 4.899 4.949 5.000 5.050 5.101 5.151 5.202 5.252 5.303 5.353 5.404 5.454 5.505 5.555 5.606 5.656 5.707 5.757 5.808 5.858 5.909 5.959 6.010 6.060
Conditions
SYMBOL
CONDITIONS, SPEC. SETTING OUTPUT VOLTAGE (V)
0.90 ~ 0.95 1.00 ~ 1.05 1.10 ~ 1.15 1.20 ~ 1.25 1.30 ~ 1.35 1.40 ~ 1.45 1.50 ~ 1.95 2.00 ~ 6.00
* VOUT(T): Setting output voltage value
E-4 INPUT VOLTAGE (V) VIN 2.5 2.5 2.6 2.7 2.8 2.9 3.0 VOUT(T) + 1.0
E-3 MAXIMUM OUTPUT CURRENT (mA)
MIN
260 260 270 290 300
9/25
XC6209/6212 Series
OPERATIONAL EXPLANATION
Output voltage control with the XC6209/6212 series: The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The P-channel MOSFET, which is connected to the VOUT pin, is then driven by the subsequent output signal. The output voltage at the VOUT pin is controlled & stabilized by a system of negative feedback. The current limit circuit and short protect circuit operate in relation to the level of output current. Further, the IC's internal circuitry can be shutdown via the CE pin's signal. With the XC6209/6212 series, a stable output voltage is achievable even if used with low ESR capacitors as a phase compensation circuit is built-in. In order to ensure the effectiveness of the phase compensation, we suggest that an output capacitor (CL) is connected as close as possible to the output pin (VOUT) and the VSS pin. Please use an output capacitor with a capacitance value of at least 1F. Also, please connect an input capacitor (CIN) of 0.1F between the VIN pin and the VSS pin in order to ensure a stable power input. Stable phase compensation may not be ensured if the capacitor runs out capacitance when depending on bias and temperature. In case the capacitor depends on the bias and temperature, please make sure the capacitor can ensure the actual capacitance. The XC6209/6212 series includes a combination of a fixed current limiter circuit & a foldback circuit, which aid the operations of the current limiter and circuit protection. When the load current reaches the current limit level, the fixed current limiter circuit operates and output voltage drops. As a result of this drop in output voltage, the foldback circuit operates, output voltage drops further and output current decreases. When the output pin is shorted, a current of about 50mA flows. The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6209/6212 series. In shutdown mode, output at the VOUT pin will be pulled down to the VSS level via R1 & R2. The operational logic of the IC's CE pin is selectable (please refer to the selection guide). Note that as the standard XC6209B type is ' High Active/No Pull Down', operations will become unstable with the CE pin open. Although the CE pin is equal to an inverter input with CMOS hysteresis, with either the pull-up or pull-down options, the CE pin input current will increase when the IC's in operation. We suggest that you use this IC with either a VIN voltage or a VSS voltage input at the CE pin. If this IC is used with the correct specifications for the CE pin, the IC will operate normally. However, supply current may increase as a result of through current in the IC's internal circuitry
NOTES ON USE
1 2 3 Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. Please strengthen VIN and VSS wiring in particular. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
10/25
XC6209/6212
Series
TEST CIRCUITS
Circuit
Circuit
Circuit
Circuit
11/25
XC6209/6212 Series
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Output Current
XC6209/12 B302 XC6209/12 B302
XC6209/12 F302
XC6209/12 F302
XC6209/12 B122
XC6209/12 B122
12/25
XC6209/6212
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(1) Output Voltage vs. Output Current (Continued)
XC6209/12 F122 XC6209/12 F122
(2) Output Voltage vs. Input Voltage
XC6209/12 F302 XC6209/12 F302
XC6209/12 F122
XC6209/12 F122
13/25
XC6209/6212 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(3) Dropout Voltage vs. Output Current
XC6209/12 B302 XC6209/12 F302
XC6209/12 B122
XC6209/12 F122
(4) Supply Current vs. Input Voltage
XC6209/12 F302 XC6209/12 F122
14/25
Supply Current ISS (A)
Supply Current ISS (A)
XC6209/6212
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(5) Output Voltage vs. Ambient Temperature
Ambient Temperature Topr ()
Ambient Temperature Topr ()
(6) Supply Current vs. Ambient Temperature
Supply Current ISS (A)
Ambient Temperature Topr ()
Supply Current ISS (A)
Ambient Temperature Topr ()
(7) P-ch Driver Transistor Characteristics
15/25
XC6209/6212 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Input Transient Response
16/25
XC6209/6212
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) Load Transient Response
17/25
XC6209/6212 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) Load Transient Response (Continued)
18/25
XC6209/6212
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Ripple Rejection Rate
19/25
XC6209/6212 Series
PACKAGING INFORMATION
SOT-25 SOT-89-5
USP-6B
20/25
XC6209/6212
Series
RECOMMENDED MOUNT PATTERN
USP-6B
RECOMMENDED METAL MASK DESIGN
USP-6B
21/25
XC6209/6212 Series
MARKING RULE
[XC6209] SOT-25 & SOT-89-5
5

4
Represents product series MARK 9 PRODUCT SERIES XC6209xxxxxx
1
2
3
Represents type of regulator MARK VOUT 100mV INCREMENTS VOLTAGE= 0.13.0V V X Y Z V X Y Z VOLTAGE= 3.16.0V A B C D A B C D VOUT 50mV INCREMENTS VOLTAGE= 0.153.05V E F H K E F H K VOLTAGE= 3.156.05V L M N P L M N P XC6209Axxxxx XC6209Bxxxxx XC6209Cxxxxx XC6209Dxxxxx XC6209Exxxxx XC6209Fxxxxx XC6209Gxxxxx XC6209Hxxxxx PRODUCT SERIES
Represents integer of the output voltage MARK 0 1 2 3 4 5 6 7 8 9 A B C D E OUTPUT VOLTAGE (V) 0.9 1.0 1.1 1.2 1.3 1.4 1.5 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 4.4 4.5 0.95 1.05 1.15 1.25 1.35 1.45 1.55 3.15 3.25 3.35 3.45 3.55 3.65 .3.75 3.85 3.95 4.05 4.15 4.25 4.35 4.45 4.55 MARK F H K L M N P R S T U V X Y Z OUTPUT VOLTAGE (V) 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5 5.6 5.7 5.8 5.9 6.0 1.65 1.75 1.85 1.95 2.05 2.15 2.25 2.35 2.45 2.55 2.65 2.75 2.85 2.95 3.05 4.65 4.75 4.85 4.95 5.05 5.15 5.25 5.35 5.45 5.55 5.65 5.75 5.85 5.95 -
Represents production lot number 0 to 9, A to Z reversed character of 0 to 9 and A to Z repeated
22/25
XC6209/6212
Series
MARKING RULE (Continued)
USP-6B
,Represents product series MARK PRODUCT SERIES XC6209AxxxDx
0
USP-6B (TOP VIEW)
9
Represents type of regulator MARK A B C D TYPE CE pin, High Active pull-down resistor built in CE pin, High Active no pull-down resistor built in CE pin, Low Active pull-up resistor built in CE pin, Low Active no pull-up resistor built in PRODUCT SERIES XC6209AxxxDx XC6209BxxxDx XC6209CxxxDx XC6209DxxxDx
Represents integer of output voltage MARK 3 5 VOLTAGE (V) 3.X 5.X PRODUCT SERIES XC6209x3xxDx XC6209x5xxDx
Represents decimal number of output voltage MARK 0 1 2 3 4 5 6 7 8 9 VOLTAGE (V) PRODUCT SERIES X.0 X.1 X.2 X.3 X.4 X.5 X.6 X.7 X.8 X.9 XC6209xx0xDx XC6209xx1xDx XC6209xx2xDx XC6209xx3xDx XC6209xx4xDx XC6209xx5xDx XC6209xx6xDx XC6209xx7xDx XC6209xx8xDx XC6209xx9xDx MARK A B C D E F H K L M VOLTAGE (V) X.05 X.15 X.25 X.35 X.45 X.55 X.65 X.75 X.85 X.95 PRODUCT SERIES XC6209xx0ADx XC6209xx1ADx XC6209xx2ADx XC6209xx3ADx XC6209xx4ADx XC6209xx5ADx XC6209xx6ADx XC6209xx7ADx XC6209xx8ADx XC6209xx9ADx
Represents production lot number 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted) Note: No character inversion used.
23/25
XC6209/6212 Series
MARKING RULE (Continued)
[XC6212] SOT-25 (SOT-23-5)
5

4
Represents product series MARK 9 PRODUCT SERIES XC6212xxxMx
1
2
3
SOT-25 (SOT-23-5) (TOP VIEW)
Represents type of regulator
MARK
VOUT 100mV INCREMENTS
VOUT=0.1~3.0V VOUT=3.1~6.0V
VOUT 50mV INCREMENTS
VOUT=0.15~3.05V VOUT=3.15~6.05V
PRODUCT SERIES
V X Y Z
A B C D
E F H K
L M N P
XC6209AxxxMx XC6209BxxxMx XC6209CxxxMx XC6209DxxxMx
Represents output voltage MARK 0 1 2 3 4 5 6 7 8 9 A B C D E OUTPUT VOLTAGE (V) 0.90 1.00 1.10 1.20 1.30 1.40 1.50 3.10 3.20 3.30 3.40 3.50 3.60 3.70 3.80 3.90 4.00 4.10 4.20 4.30 4.40 4.50 0.95 1.05 1.15 1.25 1.35 1.45 1.55 3.15 3.25 3.35 3.45 3.55 3.65 .3.75 3.85 3.95 4.05 4.15 4.25 4.35 4.45 4.55 MARK F H K L M N P R S T U V X Y Z OUTPUT VOLTAGE (V) 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 4.60 4.70 4.80 4.90 5.00 5.10 5.20 5.30 5.40 5.50 5.60 5.70 5.80 5.90 6.00 1.65 1.75 1.85 1.95 2.05 2.15 2.25 2.35 2.45 2.55 2.65 2.75 2.85 2.95 3.05 4.65 4.75 4.85 4.95 5.05 5.15 5.25 5.35 5.45 5.55 5.65 5.75 5.85 5.95 -
Represents production lot number 0 to 9, A to Z, reversed character of 0 to 9 and A to Z repeated (G, I, J, O, Q, W excepted)
24/25
XC6209/6212
Series
1. The products and product specifications contained herein are subject to change without notice to improve performance characteristics. Consult us, or our representatives before use, to confirm that the information in this catalog is up to date. 2. We assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any information and circuitry in this catalog. 3. Please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this catalog. 4. The products in this catalog are not developed, designed, or approved for use with such equipment whose failure of malfunction can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. Atomic energy; aerospace; transport; combustion and associated safety equipment thereof.) 5. Please use the products listed in this catalog within the specified ranges. Should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. We assume no responsibility for damage or loss due to abnormal use. 7. All rights reserved. No part of this catalog may be copied or reproduced without the prior permission of Torex Semiconductor Ltd.
25/25


▲Up To Search▲   

 
Price & Availability of XC6212D33AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X